Part Number Hot Search : 
24ACR 7C1462A HD74H LVC2G24 MA3D652 MMSZ524 KA3843AM RX5VT46A
Product Description
Full Text Search
 

To Download AK548192D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Accutek Microcircuit Corporation
DESCRIPTION
The Accutek AK48256 high density memory modules is a random access memory organized in 256K x 8 bit words. The assembly consists of eight standard 256K x 1 DRAMs in plastic leaded chip carriers (PLCC) mounted on the front side of a printed circuit board. The module can be configured as a leadless 30 pad SIM or a leaded 30 pin SIP. This packaging approach provides a 6 to 1 density increase over standard DIP packaging. The operation of the AK48256 is identical to eight 256K x 1 DRAMs. The data input is tied to the data output and brought out separately for each device, with common RAS, CAS and WE control. This common I/O feature dictates the use of early-write cycles to prevent contention of D and Q. Since the Write-Enable (WE) signal must always go low before CAS in a write cycle, Read-Write and Read-Modify-Write operation is not possible.
AK48256S / AK48256G 262,144 X 8 Bit MOS Dynamic Random Access Memory
Front View 30-Pin SIM
1
30
30-Pin SIP
1
FEATURES
* 262,144 by 8 bit organization * Optional 30 Pad leadless SIM (Single In-Line Module) or 30 Pin leaded SIP (Single In-Line Package) * JEDEC standard pinout * Each device has common D and Q lines with common RAS, CAS and WE control * 2.8 Watt active and 180 mW standby (max) * Operating free air temperature 00C to 700C * Upward compatible with AK481024, AK581024, AK584096 and AK5816384 * Functionally and Pin compatible with AK58256A
PIN NOMENCLATURE
A0 - A8 DQ1 - DQ8 CAS RAS WE Vcc Vss NC Address Inputs Data In / Data Out Column Address Strobe Row Address Strobe Write Enable 5v Supply Ground No Connect
PIN ASSIGNMENT
PIN # SYMBOL PIN # SYMBOL
FUNCTIONAL DIAGRAM
DQ5 A8 NC NC DQ6 WE Vss DQ7 NC DQ8 NC RAS NC NC Vcc
1 2 3 4 5 6 7 8 9 10 11
Vcc CAS DQ! A0 A1 DQ2 A2 A3 Vss DQ3 A4 A5 DQ4 A6 A7
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
MODULE OPTIONS
Leadless SIM: AK48256S Leaded SIP: AK48256G
12 13 14 15
ORDERING INFORMATION PART NUMBER CODING INTERPRETATION
Position 1 2 Product AK = Accutek Memory Type 4 = Dynamic RAM 5 = CMOS Dynamic RAM 6 = Static RAM Organization/Word Width 1 = by 1 16 = by 16 4 = by 4 32 = by 32 8 = by 8 36 = by 36 9 = by 9 Size/Bits Depth 64 = 64K 4096 = 4 MEG 256 = 256K 8192 = 8 MEG 1024 = 1 MEG 16384 = 16 MEG Package Type G = Single In-Line Package (SIP) S = Single In-Line Module (SIM) D = Dual In-Line Package (DIP) W = .050 inch Pitch Edge Connect Z = Zig-Zag In-Line Package (ZIP) Special Designation P = Page Mode N = Nibble Mode K = Static Column Mode W = Write Per Bit Mode V = Video Ram Separator - = Commercial 00C to +700C M = Military Equivalent Screened (-550C to +1250C) I = Industrial Temperature Tested (-450C to +850C) X = Burned In Speed (first two significant digits) DRAMS SRAMS 50 = 50 nS 8= 8 nS 60 = 60 nS 10 = 10 nS 70 = 70 nS 12 = 12 nS 80 = 80 nS 15 = 15 nS
1 2 3 4 5 6 7 8
MECHANICAL DIMENSIONS
Inches
3
0.685 0.635
4
0.425 0.375
.100 .060
0.100 TYP
0.685 0.635
0.325 0.275
5
1
1
0.100 TYP
0.100 T.P.
6
3.100 3.090
3.525 3.475
7
0.024 0.016
30
8
0.100 TYP
0.053 0.047
0.200" MAX
The numbers and coding on this page do not include all variations available but are show as examples of the most widely used variations. Contact Accutek if other information is required.
EXAMPLES:
AK48256SP-10 256K x 8, 100 nSEC DRAM 30 pin SIM Configuration, Page Mode AK48256GK-80 256K x 8, 80 nSEC DRAM 30 pin SIP Configuration, Static Column Mode ACCUTEK MICROCIRCUIT CORPORATION BUSINESS CENTER at NEWBURYPORT 2 NEW PASTURE ROAD, SUITE 1 NEWBURYPORT, MA 01950-4054 VOICE: 978-465-6200 FAX: 978-462-3396 Email: sales@accutekmicro.com Internet: www.accutekmicro.com Accutek reserves the right to make changes in specifications at any time and without notice. Accutek does not assume any responsibility for the use of any circuitry described; no circuit patent licenses are implied. Preliminary data sheets contain minimum and maximum limits based upon design objectives, which are subject to change upon full characterization over the specific operating conditions.


▲Up To Search▲   

 
Price & Availability of AK548192D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X